Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download BZT52B8V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 7 sod-123 ?? ?? zener diode in a sod-123 plastic package. 500mw ??,??? 500mw power dissipation, medium current, automated assembly processes. 2.4v-39v ??? 2.4v to 39v wide zener voltage range applications. pin1:cathode pin2:anode ?? / h fe classifications & marking ? see electrical characteristics. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 7 parameter symbol ? rating unit forward voltage (note 2) i f =10ma v f 0.9 v power dissipation (note 1) p d 500 mw typical thermal resistance junction to ambient (note 1) r ja 305 /w junction and storage temperature range t j, t stg -65 150 type number mark- ing code zener voltage range maximum zener impedance maximum reverse current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r nom (v) min (v) max (v) ma ? ma a v bzt52b2v4 h0z 2.4 2.35 2.45 5 94 564 1 45 1 bzt52b2v7 h1z 2.7 2.65 2.75 5 94 564 1 18 1 bzt52b3v0 h2z 3.0 2.94 3.06 5 89 564 1 9 1 bzt52b3v3 h3z 3.3 3.23 3.37 5 89 564 1 4.5 1 bzt52b3v6 h4z 3.6 3.53 3.67 5 84 564 1 4.5 1 bzt52b3v9 h5z 3.9 3.82 3.96 5 84 564 1 2.7 1 bzt52b4v3 h6z 4.3 4.21 4.39 5 84 564 1 2.7 1 bzt52b4v7 h7z 4.7 4.61 4.79 5 75 564 1 2.7 2 bzt52b5v1 h8z 5.1 5.00 5.20 5 56 470 1 1.8 2 bzt52b5v6 h9z 5.6 5.49 5.71 5 27 451 1 0.9 2 bzt52b6v2 haz 6.2 6.08 6.32 5 9 376 1 2.7 4 bzt52b6v8 hbz 6.8 6.66 6.94 5 14 141 1 1.8 4 bzt52b7v5 hcz 7.5 7.35 7.65 5 14 75 1 0.9 5 BZT52B8V2 hdz 8.2 8.04 8.36 5 14 75 1 0.63 5 bzt52b9v1 hez 9.1 8.92 9.28 5 14 94 1 0.45 6 bzt52b10 hfz 10 9.80 10.20 5 18 141 1 0.18 7 bzt52b11 hgz 11 10.78 11.22 5 18 141 1 0.09 8 ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 7 notes: 1. device mounted on ceramic pcb; 7. 6mm x 9.4mm x 0.87mm with pad areas 25mm 2 . 2. short duration test pulse used to minimize self-heating effect. 3. f = 1khz. ? / electrical characteristics(ta=25 ) type number marking code zener voltage range (note 2) maximum zener impedance (note 3) maximum reverse current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r nom (v) min (v) max (v) ma ? ma ua v bzt52b12 hhz 12 11.76 12.24 5 23 141 1 0.09 8 bzt52b13 hjz 13 12.74 13.26 5 28 160 1 0.045 8 bzt52b15 hkz 15 14.70 15.30 5 28 188 1 0.045 10.5 bzt52b16 hlz 16 15.68 16.32 5 37 188 1 0.045 11.2 bzt52b18 hmz 18 17.64 18.36 5 42 212 1 0.045 12.6 bzt52b20 hnz 20 19.60 20.40 5 51 212 1 0.045 14.0 bzt52b22 hpz 22 21.56 22.44 5 51 235 1 0.045 15.4 bzt52b24 hrz 24 23.52 24.48 5 65 235 1 0.045 16.8 bzt52b27 hsz 27 26.46 27.54 5 75 282 0.5 0.045 18.9 bzt52b30 htz 30 29.40 30.60 5 75 282 0.5 0.045 21.0 bzt52b33 huz 33 32.34 33.66 5 75 306 0.5 0.045 23.0 bzt52b36 hvz 36 35.28 36.72 5 84 329 0.5 0.045 25.2 bzt52b39 hwz 39 38.22 39.78 5 122 329 0.5 0.045 27.3
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 7 ? / electrical characteristic curve
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 7 ?? / package dimensions
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 7 ?? / marking instructions ? h  ?? 0z  ??? note: h: company code. 0z: product type. h0z
bzt52bxxx rev.f mar.-2016 data sheet http://www.fsbrec.com 7 / 7 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:260 5 time:10 1 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box sod-123 3,000 10 30,000 8 240,000 7 8 180120180 385257392 ?? / notices


▲Up To Search▲   

 
Price & Availability of BZT52B8V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X